PART |
Description |
Maker |
PE4280MLIAA PE428014 PE4280-14 |
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz 75 Ω SPDT CATV UltraCMOS 75 Ω SPDT CATV UltraCMOS?
|
Peregrine Semiconductor
|
PE4274-EK 4274 4274-00 4274-01 4274-02 4274-51 427 |
75Ω Terminated - 2.2 GHz SPDT CATV UltraCMOS?/a> Switch 75ヘ Terminated - 2.2 GHz SPDT CATV UltraCMOS⑩ Switch 75Terminated - 2.2 GHz SPDT CATV UltraCMOSSwitch 75Ω Terminated - 2.2 GHz SPDT CATV UltraCMOS?/a> Switch 75Ω Terminated - 2.2 GHz SPDT CATV UltraCMOS Switch
|
Peregrine Semiconductor Cor... PEREGRINE[Peregrine Semiconductor Corp.]
|
PE4280 4280-00 4280-01 4280-02 4280-51 4280-52 |
75 Ω SPDT CATV UltraCMOS Switch DC - 2.2 GHz 75 Ω SPDT CATV UltraCMOS?/a> Switch DC - 2.2 GHz 75 SPDT CATV UltraCMOSSwitch DC - 2.2 GHz 75 ヘ SPDT CATV UltraCMOS⑩ Switch DC - 2.2 GHz
|
http:// PEREGRINE[Peregrine Semiconductor Corp.]
|
ISL54060IRUZ-T ISL54060IRTZ-T ISL54061 ISL54061IRT |
Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit 1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability; Temperature Range: -40°C to 85°C; Package: 10-TDFN DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch 1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability; Temperature Range: -40°C to 85°C; Package: 10-uTQFN T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC10
|
Intersil Corporation Intersil, Corp.
|
CGR-0118Z |
DUAL CATV 5MHz to 65MHz CATV AMP IC
|
RF Micro Devices
|
CGR-0118ZPCBA-410 CGR-0118ZPCBA-411 CGR-0118ZPCBA- |
DUAL CATV 5MHz to 65MHz CATV AMP IC
|
RF Micro Devices
|
MAX4664 MAX4664CPE MAX4664CSE MAX4664EPE MAX4664ES |
5? Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5з, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches 5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5 Ohm, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ACD2202 ACD090 ACD0900S3CTR ACD0900S3C |
VHF/UHF CATV/TV Tuner Downconverter CATV/TV/Video Downconverter with Dual Synthesizer
|
Anadigics Inc ANADIGICS, Inc. ANADIGICS Inc
|
MAX312 MAX312CUE MAX312ESE MAX312CSE MAX314MJE MAX |
CLAMP 10 / Quad / SPST / CMOS Analog Switches 10 Quad SPST CMOS Analog Switches 10, Quad, SPST, CMOS Analog Switches 10? Quad, SPST, CMOS Analog Switches 8 PORT MODEM SHARING DEVICE SC CABLE, COAX, 9248, PER M; Impedance:75R; Conductor make-up:1/1.02mm; Diameter, External:6.86mm; Material, conductor:Copper; Material, primary insulation:Polyethylene; Coaxial cable type:RG6A/U; Alpha type number:9804C EQUIVALENT; RoHS Compliant: Yes 10з, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 10蟹, Quad, SPST, CMOS Analog Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
PG2415T6X-15 |
0.05 to 6.0 GHz SPDT SWIT
|
Renesas Electronics Corporation
|